Part Number Hot Search : 
SCBK05 RF2125 U8803 DSPIC MSM7580 MMSZ4694 TXN05G RKC5LD
Product Description
Full Text Search
 

To Download DDTC114GE-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30316 rev. 7 - 2 1 of 4 ddtc (r2- only seri es) e www.diodes.co m ? diodes incorporated ddtc (r2-only ser ies) e npn pre-biased sm all sig nal sot- 523 surface mo unt transisto r epitaxial planar die construction complementary pnp types av ailable ( ddta ) built-in biasing resistor, r2 only lead free /rohs co mpliant (note 2 ) features maximum ratings @ t a = 25 c unless otherwise s pecified mechanical data case: sot-523 case material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202 , method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). terminal connections: see diagram marking: date code and marking code (see diagrams & page 2) weight: 0.002 grams (approx.) ordering information (see page 2) p/n r2 (nom) marking ddtc114ge ddtc124ge ddtc144ge ddtc115ge 10k w 22k w 47k w 100k w n26 n27 n28 n29 characteristic symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current i c (max) 100 ma power dissipation p d 150 mw thermal resistance, j unction to ambient air (note 1) r q ja 833 c/w operating and storage and temperature range t j , t stg -55 to +150 c sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d ? ? 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50 a 0 8 ? all dimensions in m m b r 2 s c h e m a t i c d i a g r a m e c notes: 1. mounted on fr4 pc board with recommended pad lay out, which can be found on our website at http://w ww .diodes.com/ datasheets /ap02001 2. no purposefully added lead a m j l d b c h k n g t o p v i e w c e b
ds30316 rev. 7 - 2 2 of 4 ddtc (r2- only seri es) e www.diodes.co m characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo 50 ? ? v i c = 50 m a collector-emitter breakdown voltage bv ceo 50 ? ? v i c = 1ma emitter-base breakdown voltage bv ebo 5 ? ? v i e = 720 m a, ddtc114ge i e = 330 m a, ddtc124ge i e = 160 m a, ddtc144ge i e = 72 m a, ddtc115ge collector cutoff current i cbo ? ? 0.5 m a v cb = 50v emitter cutoff current ddtc114ge ddtc124ge ddtc144ge ddtc115ge i ebo 300 140 65 30 ? 580 260 130 58 m a v eb = 4v collector-emitter saturation voltage v ce (sat) ? ? 0.3 v i c = 10ma, i b = 0.5ma dc current trans fer ratio ddtc114ge ddtc124ge ddtc144ge ddtc115ge h fe 30 56 68 82 ? ? ? i c = 5ma, v ce = 5v bleeder resistor (r 2 ) tolerance d r 2 -30 ? +30 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = 10v, i e = -5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified * transistor - for referenc e only orderi ng inform ation (note 3) device packaging shipping ddtc1xxge-7- f sot-523 3000/tape & reel ddtc1xxge-13- f sot-523 10,000/tape & reel notes: 3. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . marking i nformat ion xxx = product type marking code (see page 1, e.g. n26 = ddtc114g e) ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) date code key month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w x x x y m
ds30316 rev. 7 - 2 3 of 4 ddtc (r2- only seri es) e www.diodes.co m -5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 d e ra ti n g c u rv e p , p o w e r d i s s i p a t i o n ( m i l l i w a t t s ) d 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c 10 10 00 10 0 1 10 10 0 h , d c c u r r e n t g a i n ( n o r m a l i z e d ) f e i , c ol le ct or cu rr en t (m a) c fig . 3 d c c urr en t g ain v = 1 0 ce 75 c -25 c 25 c 0 1 2 3 4 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 5 1 0 5 1 5 2 5 i = 0 m a e 0 .0 0 1 0 .0 1 1 1 0 0 1 0 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o ll e c to r c u rr e n t v s . in p u t v o lta g e -2 5 c 5 6 7 2 5 c 1 0 0 .1 7 5 c 0.1 1 10 0 100 200 500 600 700 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 300 400 typical curves - ddtc114ge
ds30316 rev. 7 - 2 4 of 4 ddtc (r2- only seri es) e www.diodes.co m i m p o r t a n t n o t i c e d i o d e s , i n c . a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o r r e c t i o n s , m o d i f i c a t i o n s , e n h a n c e - m e n t s , i m p r o v e m e n t s , o r o t h e r c h a n g e s . d i o d e s , i n c . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t t h e p r o d u c t s l o c a t e d o n o u r w e b s i t e a t w w w . d i o d e s . c o m a r e n o t r e c o m m e n d e d f o r u s e i n l i f e s u p p o r t s y s t e m s w h e r e a f a i l u r e o r m a l f u n c t i o n o f t h e c o m p o n e n t m a y d i r e c t l y t h r e a t e n l i f e o r c a u s e i n j u r y w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of DDTC114GE-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X